Part Number Hot Search : 
HYS64 KL197T01 ASM3P2 CW7270 BSP92P07 T960030 MAS9012 351109
Product Description
Full Text Search
 

To Download CC0603JRNPO9BN220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t surface-mount ceramic multilayer capacitors general purpose class 1, np0 16 v to 50 v 0.22 pf to 33 nf rohs compliant & halogen free product specification ? august 05, 2011 v.8
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 2 15 product specification general purpose 16 v to 50 v np0 scope this specification describes np0 series chip capacitors with lead- free terminations. applications consumer electronics for example - tuners - television receivers - all types of cameras telecommunications data processing features supplied in tape on reel nickel-barrier end termination rohs compliant halogen free compliant ordering information - glo bal part number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) cc xxxx x x npo x bn xxx (1) (2) (3) (4) (5) ( 1 ) size ? inch based (metric) 0201 (0603) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) 1812 (4532) ( 2 ) tolerance b = 0.1 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% ( 3 ) packing style r = paper/pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper/pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) rated voltage 7 = 16 v 8 = 25 v 9 = 50 v ( 5 ) capacitance value 2 significant digits+number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example: 121 = 12 x 10 1 = 120 pf
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 3 15 product specification general purpose 16 v to 50 v np0 2 2 x x x x x x 1 x x x carrier type 22 = blister 38 = paper/pe 54 = bulk voltage 78 = 16 v 91 = 25 v size 8 = 0201 7 = 0402 6 = 0603 0 = 0805 1 = 1206 2 = 1210 4 = 1812 capacitance value (1) tolerance 3 = 1% 4 = 2% 5 = 5% tc material 1 = np0 packaging (3) 1 = reel: ? 180 mm; 7" 5 = reel: ? 330 mm; 13" 4 = bulk case ynm0007 p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s global part number (preferred), phycomp ctc (for north america) and 12nc (traditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. 12nc code ordering information for 16 v to 25 v (1) please refer to "last 2-digit of 12nc" in "capacitance range & thickness for np0" (2) please refer to "last 3-digit of 12nc" in "capacitance range & thickness for np0" (3) quantity on reel depends on thickness classification; see table 6 ordering information for 50 v 2 2 x x x x x x x x x x carrier type 22 = blister 38 = paper/pe 54 = bulk voltage 86 = 50 v size 8 = 0201 9 = 0402 7 = 0603 1 = 0805 3 = 1206 2 = 1210 5 = 1812 capacitance value (2) tolerance 4 = 0.1 pf for 0.47 pf c < 5 pf 0.25 pf for 5 pf c < 10 pf 2% for c 10 pf 5 = 0.25 pf for c < 5 pf 0.5 pf for 5 pf c < 10 pf 5% for c 10 pf 8 = 0.1 pf for 5 pf c < 10 pf 1% for c 10 pf ynm0008 packaging (3) 1 = reel: ? 180 mm; 7" 7 = reel: ? 330 mm; 13" 4 = bulk case
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 4 15 product specification general purpose 16 v to 50 v np0 phycomp ctc code ( for north america ) example: 0603cg271j7b200 0603 cg 271 j 7 b 2 0 0 size code temp. char. capacitance in pf tolerance voltage termination packing marking range identifier 0201 0402 0603 0805 1206 1210 1812 cg = np0 101 = 100 pf; the third digit signifies the multiplying factor: 0 = 1 1 = 10 2 = 100 3 = 1,000 b = 0.1 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% 7 = 16 v 8 = 25 v 9 = 50 v b = nisn 2 = 180 mm 7? paper 3 = 330 mm 13? paper b = 180 mm 7? blister f = 330 mm 13? blister p = bulk case 0 = no marking 0 = conv. ceramic construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead-free. a cross section of the structure is shown in fig.1. mlb457 terminations electrodes ceramic material fig. 1 surface mounted multilayer ceramic capacito r construction l 2 / l 3 (mm) l 4 (mm) type l 1 (mm) w (mm) t (mm) min. max. min. 0201 0.6 0.03 0.3 0.03 0.10 0.20 0.20 0402 1.0 0.05 0.5 0.05 0.20 0.30 0.40 0603 1.6 0.10 0.8 0.10 0.20 0.60 0.40 2.0 0.10 (1) 1.25 0.10 (1) 0805 2.0 0.20 (2) 1.25 0.20 (2) 0.25 0.75 0.55 3.2 0.15 (1) 1.6 0.15 (1) 1206 3.2 0.30 (2) 1.6 0.20 (2) 0.25 0.75 1.40 1210 3.2 0.20 2.5 0.20 0.25 0.75 1.40 1812 4.5 0.20 3.2 0.20 refer to table 2 to 5 0.25 0.75 2.20 note 1. dimension for size 0805 and 1206, c 1 nf 2. dimension for size 0805 and 1206, c > 1 nf table 1 for outlines see fig. 2 dimension mbb211 t l 4 l 1 l 2 l 3 w o o u u t t l l i i n n e e s s for dimension see table 1 fig. 2 surface mounted multilayer ceramic capacitor dimension
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 5 15 product specification general purpose 16 v to 50 v np0 capacitance range & thickness for np0 table 2 sizes from 0201 to 0603 cap. 0201 0402 0603 last 3-digit of 12nc last 2-digit of 12nc 25 v 50 v 16 v 25 v 50 v 16 v 25 v 50 v 0.22 pf 227 0.47 pf 477 0.82 pf 827 1.0 pf 108 1.2 pf 128 1.5 pf 158 1.8 pf 188 2.2 pf 228 2.7 pf 278 3.3 pf 338 3.9 pf 398 4.7 pf 478 5.6 pf 568 6.8 pf 688 8.2 pf 828 on request 10 pf 109 23 12 pf 129 24 15 pf 159 25 18 pf 189 26 22 pf 229 27 27 pf 279 28 33 pf 339 29 39 pf 399 31 47 pf 479 32 56 pf 569 33 68 pf 689 34 82 pf 829 35 100 pf 101 36 0.30.03 0.30.03 0.50.05 0.50.05 0.50.05 0.80.1 0.80.1 0.80.1 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request 3. 16v to 25v, refer to last 2-digit of 12nc 4. 50v, refer to last 3-digit of 12nc
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 6 15 product specification general purpose 16 v to 50 v np0 cap. 0201 0402 0603 last 3-digit of 12nc last 2-digit of 12nc 25 v 50 v 16 v 25 v 50 v 16 v 25 v 50 v 120 pf 121 37 150 pf 151 38 180 pf 181 39 220 pf 221 41 270 pf 271 42 330 pf 331 43 390 pf 391 44 470 pf 471 45 0.50.05 0.50.05 0.50.05 560 pf 561 46 680 pf 681 47 820 pf 821 48 1.0 nf 102 49 1.2 nf 122 51 1.5 nf 152 52 1.8 nf 182 53 2.2 nf 222 54 2.7 nf 272 55 3.3 nf 332 56 0.80.1 0.80.1 0.80.1 3.9 nf 392 57 4.7 nf 472 58 5.6 nf 562 59 6.8 nf 682 61 8.2 nf 822 62 10 nf 103 63 12 nf 123 64 15 nf 153 65 18 nf 183 66 22 nf 223 67 33 nf 333 69 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request 3. 16v to 25v, refer to last 2-digit of 12nc 4. 50v, refer to last 3-digit of 12nc table 3 sizes from 0201 to 0603 (continued) capacitance range & thickness for np0
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 7 15 product specification general purpose 16 v to 50 v np0 capacitance range & thickness for np0 table 4 sizes from 0805 to 1812 cap. 0805 1206 1210 1812 last 3-digit of 12nc last 2-digit of 12nc 16 v 25 v 50 v 16 v 25 v 50 v 25 v 50 v 50 v 0.22 pf 227 0.47 pf 477 0.82 pf 827 1.0 pf 108 1.2 pf 128 1.5 pf 158 1.8 pf 188 2.2 pf 228 2.7 pf 278 3.3 pf 338 3.9 pf 398 4.7 pf 478 5.6 pf 568 6.8 pf 688 8.2 pf 828 on request 10 pf 109 23 12 pf 129 24 15 pf 159 25 18 pf 189 26 22 pf 229 27 27 pf 279 28 33 pf 339 29 39 pf 399 31 47 pf 479 32 56 pf 569 33 68 pf 689 34 82 pf 829 35 100 pf 101 36 0.60.1 0.60.1 0.60.1 0.60.1 0.60.1 0.60.1 1.250.2 1.250.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request 3. 16v to 25v, refer to last 2-digit of 12nc 4. 50v, refer to last 3-digit of 12nc
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 8 15 product specification general purpose 16 v to 50 v np0 cap. 0805 1206 1210 1812 last 3-digit of 12nc last 2-digit of 12nc 16 v 25 v 50 v 16 v 25 v 50 v 25 v 50 v 50 v 120 pf 121 37 150 pf 151 38 180 pf 181 39 220 pf 221 41 270 pf 271 42 330 pf 331 43 390 pf 391 44 470 pf 471 45 560 pf 561 46 680 pf 681 47 820 pf 821 48 1.0 nf 102 49 0.60.1 0.60.1 0.60.1 1.2 nf 122 51 1.5 nf 152 52 1.8 nf 182 53 0.850.1 1.250.2 0.850.1 1.250.2 0.850.1 1.250.2 2.2 nf 222 54 2.7 nf 272 55 0.60.1 0.60.1 0.60.1 1.250.2 1.250.2 3.3 nf 332 56 3.9 nf 392 57 4.7 nf 472 58 5.6 nf 562 59 6.8 nf 682 61 0.850.1 0.850.1 0.850.1 8.2 nf 822 62 10 nf 103 63 1.250.2 1.250.2 1.250.2 1.00.15 1.00.15 12 nf 123 64 15 nf 153 65 1.250.2 1.250.2 18 nf 183 66 1.250.2 1.250.2 22 nf 223 67 1.250.2 2.00.2 2.00.2 1.250.2 33 nf 333 69 1.60.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request 3. 16v to 25v, refer to last 2-digit of 12nc 4. 50v, refer to last 3-digit of 12nc table 5 sizes from 0805 to 1812 (continued) capacitance range & thickness for np0
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 9 15 product specification general purpose 16 v to 50 v np0 table 6 thickness classes and packing quantity ?180 mm / 7 inch ?330 mm / 13 inch size code thickness classification tape width quantity per reel paper blister paper blister quantity per bulk case 0201 0.3 0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1206 1.6 0.2 mm 8 mm --- 2,000 --- 10,000 --- 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.0 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 1210 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- --- --- 1808 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1,000 --- --- --- 1.15 0.15 mm 12 mm --- 1,000 --- --- --- 1.35 0.15 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 1812 2.5 0.2 mm 12 mm --- 500 --- --- ---
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 10 15 product specification general purpose 16 v to 50 v np0 electrical characteristics n n p p 0 0 d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise stated all electrical values apply at an ambient temperature of 201 c, an atmospheric pressure of 86 to 106 kpa, and a relative humidity of 63 to 67%. description value capacitance range 0.22 pf to 33 nf capacitance tolerance c < 10 pf 0.1 pf, 0.25 pf, 0.5 pf c 10 pf 1%, 2%, 5% dissipation factor (d.f.) c < 30 pf 1 / ( 400 + 20c ) c 30 pf 0.1 % insulation resistance after 1 minute at u r (dc) r ins 10 g ? or r ins c r 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature characteristic/coefficient): 30 ppm/c operating temperature range: ?55 c to +125 c table 7 050 40 10 ? 10 ccb107 ? 5 5 0 20 30 10 c (%) c v dc (v) fig. 4 typical capacitance change with respect to the capacitance at 1 v as a function of dc voltage 40 40 40 mea607 20 0 20 0 40 80 120 t ( c) o tc (x10 /k) 6 fig. 3 typical temperature coefficient as a function of temperature sample limits (broken lines). re q uirement levels ( dotted lines )
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 11 15 product specification general purpose 16 v to 50 v np0 cca044 7.5 5 2.5 0 ? 40 0 40 80 120 t ( o c) tan ( 10 ? 4 ) 10 fig. 5 typical tan as a function of temperature soldering recommend a tion table 8 soldering method size 0402 0603 0805 1206 1210 reflow 0.1 f 1.0 f 2.2 f 4.7 f reflow only reflow/wave < 0.1 f < 1.0 f < 2.2 f < 4.7 f ---
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 12 15 product specification general purpose 16 v to 50 v np0 tests and requirements table 9 test procedures and requirements test test method procedure requirements mounting iec 60384- 21/22 4.3 the capacitors may be mounted on printed-circuit boards or ceramic substrates no visible damage visual inspection and dimension check 4.4 any applicable method using 10 magnific ation in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c within specified tolerance dissipation factor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf , measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c in accordance with specification insulation resistance 4.5.3 at u r (dc) for 1 minute in acco rdance with specification temperature coefficient 4.6 class 1: between minimum and maximum temperature np0: -55 c to +125 c normal temperature: 20 c c/c: class 1: np0: 30 ppm/c adhesion 4.7 a force applied for 10 seconds to th e line joining the terminations and in a plane parallel to the substrate force size 0603: 5n size = 0402: 2.5n size = 0201: 1n mounting in accordance with iec 60384-22 paragraph 4.3 no visible damage bond strength of plating on end face 4.8 conditions: bending 1 mm at a rate of 1 mm/s, radius jig 340 mm ? c/c class 1: np0: within 1% or 0.5 pf whichever is greater
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 13 15 product specification general purpose 16 v to 50 v np0 test test method procedure requirements dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class 1: np0: within 0.5% or 0.5 pf whichever is greater resistance to soldering heat iec 60384- 21/22 4.9 precondition: 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size >1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds recovery time: 24 2 hours d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 seconds to 60 seconds. test conditions for lead containing solder alloy temperature: 235 5 c dipping time: 2 0.2 seconds depth of immersion: 10 mm alloy composition: 60/40 sn/pb number of immersions: 1 test conditions for lead-fr ee containing solder alloy temperature: 245 5 c dipping time: 3 0.3 seconds depth of immersion: 10 mm alloy composition: sac305 number of immersions: 1 the solder should cover over 95% of the critical area of each termination no visual damage ? c/c class 1: np0: within 1% or 1 pf whichever is greater rapid change of temperature 4.11 preconditioning; 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature recovery time 24 2 hours d.f. meet initial specified value r ins meet initial specified value
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 14 15 product specification general purpose 16 v to 50 v np0 test test method procedure requirements no visual damage after recovery damp heat with u r load iec 60384- 21/22 4.13 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer to initial spec c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h. 1.0 u r applied 4. recovery: class 1: 6 to 24 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the ot her measurements have been made the capacitor shall be preconditioned according to ?iec 60384 4.1? and then the requirement shall be met. ? c/c class 1: np0: within 2% or 1 pf whichever is greater d.f. class 1: np0: 2 x specified value r ins class 1: np0: 2,500 m ? or r ins x c r 25s whichever is less no visual damage endurance 4.14 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer to initial spec c, d, ir 3. endurance test: temperature: np0: 125 c specified stress voltage applied for 1,000 hours: applied 2.0 x u r for general product. 4. recovery time: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the ot her measurements have been made the capacitor shall be preconditioned according to ?iec 60384 4.1? and then the requirement shall be met. ? c/c class1: np0: within 2% or 1 pf whichever is greater d.f. class1: np0: 2 x specified value r ins class1: np0: 4,000 m ? or r ins x c r 40s whichever is less voltage proof iec 60384-1 4.6 specified stress voltage applied for 1 minute u r 100 v: series applied 2.5 u r 100 v < u r 200 v series applied (1.5 u r + 100) 200 v < u r 500 v series applied (1.3 u r + 100) u r > 500 v: 1.3 u r i: 7.5 ma no breakdown or flashover
www.yageo.com aug 05, 2011 v8 surface-mount ceramic multilayer capacitors 15 15 product specification general purpose 16 v to 50 v np0 revision history revision date change notification description version 8 aug 05, 2011 - product range updated version 7 jun 14, 2011 - - size1210 t=1.0mm spq added - dimension updated version 6 jan 06, 2011 - - dimension updated version 5 dec 29, 2010 - - dimension updated version 4 nov 23, 2010 - - dimension updated version 3 apr 20, 2010 - - the statement of "halogen free" on the cover added - dimension updated version 2 oct 26, 2009 - - typo updated version 1 jun 02, 2009 - - 12nc code updated version 0 apr 15, 2009 - - new datasheet for general purpose np0 series with rohs compliant - replace the "16v to 50v" part of pdf files: np0_16v_7, np0_16v-to- 100v_6, np0_25v_7, np0_50-to-500v_11 - combine 0201 from pdf files: up-np0x5rx7ry5v_0201_6.3-to-50v_2 and uy-npox5rx7ry5v_0201_6.3-to-50v_2 - define global part number - description of "halogen free compliant" added - test method and procedure updated


▲Up To Search▲   

 
Price & Availability of CC0603JRNPO9BN220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X